Part Number Hot Search : 
TDA2522 MC100LV UNR2123 6N120 PE9636 DS1821 HMC313 FCH47N6
Product Description
Full Text Search
 

To Download B020-U08-19-IP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  netdirector 8-port 1u rack-mount console kvm switch with 19-in. lcd and ip remote access model number: B020-U08-19-IP description tripp lites B020-U08-19-IP kvm switch gives you a rack-mountable keyboard, lcd and touchpad in a single console that occupies only 1u of rack space. from across the room, down the street or halfway around the globe, the B020-U08-19-IP can be accessed from any computer on the lan, wan or internet. easy to install and use, its the optimal solution for controlling up to 8 computers/servers. the B020-U08-19-IP has a built-in 19 lcd screen that supports video resolutions up to 1280 x 1024 @ 75hz, with remote monitor resolutions up to 1600 x 1200 @ 60hz. you can switch easily between the 8 ports using on-console push buttons, an on-screen display (osd) or keyboard hot key commands. up to 64 users can be authorized with any combination of admins and users. multi-level security enhances protection of data and equipment. this switch controls ps/2 or usb computers/servers using a p778-series combo kvm cable kit (two cable kits are included). a usb port on the front of the keyboard lets you connect an external mouse, plus an external usb 1.1 port means you can add a peripheral that can be shared across all connected servers. when not in use, the B020-U08-19-IP stores neatly in a rack drawer and pulls out when needed. this kvm console is compatible with all major operating systems. heavy-duty steel housing stands up to frequent use. features saves space and money combines 8-port kvm switch, 19-in. lcd screen, keyboard and touchpad in a 1u rack-mountable drawer C ideal when rack space is at a premium mounts into 19-wide rack, 26-38 deep flip-up/fold-down screen keeps console from blocking access to rack equipment when not in use ip remote access for fewer trips to the server room remote access offers convenience of controlling servers from anywhereno need to travel to the server room highlights control computers/servers locally or via lan, wan or internet occupies just 1u of space in a rack-mountable drawer 19 lcd screen supports video resolutions up to 1280 x 1024 allows up to 64 user accounts, with multi-level security compatible with all operating systems system requirements servers being connected to the kvm must have a hd15 port, and a usb port or ps/2 keyboard/mouse ports; a p778-series combo kvm cable kit is required for each connected computer computers that access the kvm remotely should have at least a pentium iii, 1ghz processor if remote computer is accessing the switch with windows client, directx 7.0 or higher is needed; if accessing the switch with java client, suns java 2 (1.4.2 or higher) runtime environment must be installed a network transfer speed of 128kbps or higher is recommended supports internet explorer, firefox, mozilla, safari, chrome, opera and netscape web browsers compatible with all major operating systems power consumption: 120v, 60hz, 33.5w; 230v, 50hz, 34w package includes B020-U08-19-IP 8-port console kvm switch with 19 lcd and 1 / 4
remote access offers convenience of controlling servers from anywhereno need to travel to the server room or network closet supports both ipv4 and ipv6 and network interfaces tcp/ip, http, https, radius, dhcp, ssl, arp, dns, 10base-t/100base-tx, auto sense and ping simplifies it tasks switch easily between the 8 ports via on-console buttons, on-screen display or hot keys; osd can be set to english, spanish, french, german or japanese panel array mode lets you monitor multiple ports at same time supports radius and ldap/s authentication auto-scan mode automatically sequences through all active ports accessible to the user includes usb port for an external mouse and a usb 1.1 port for sharing a peripheral across the installation log server tracks events on your installation large 19 lcd extra-wide display makes multitasking easier supports video resolutions up to 1280 x 1024; remote monitor resolutions up to 1600 x 1200 ddc emulation allows for optimal output to the lcd advanced security features includes password protection and advanced encryption: 512-bit rsa, 256-bit aes, 56-bit des, 168-bit 3des, 128-bit rc4 and 128-bit ssl allows up to 64 user accounts, with 3 levels of access expandability and long-lasting reliability compatible with all major operating systems for easy integration into existing structure firmware is upgradable so your software remains up-to-date heavy-duty steel housing stands up to frequent use specifications overview users 1 max cpu 8 input nominal input voltage(s) supported 100v ac; 110v ac; 115v ac; 120v ac; 127v ac; 140v ac; 200v ac; 208v ac; 220v ac; 230v ac; 240v ac recommended electrical service 100-250v maximum input amps 1 input frequency 50/60hz input current 120v (0.8a) / 230v (0.4a) kvm switch with 19 lcd and built-in ip access (x2) p778-series 6 ft. usb/ps2 combo kvm cable kits usb/ps2 combo external console cable kit grounding wire rj11 to db9 firmware upgrade cable rackmount hardware c13 to 5-15p power cord cd with owners manual, quick start guide, and device files 2 / 4
physical unit dimensions (hwd / in.) 1.73 x 18.9 x 27 unit dimensions (hwd / cm) 4.39 x 48.00 x 68.58 unit weight (lbs.) 31 unit weight (kg) 14.06 housing color black lcd monitor (in.) 19 lcd monitor (cm) 48.26 environmental storage temperature range -20 to 60 c (-4 to 140 f) relative humidity 0 to 80% rh, non-condensing operating temperature 0 to 50 c (32 to 122 f) communications port control push buttons, hotkeys, osd ip remote access yes connections ports 8 pc/server connections ps/2 special features cat5 kvm switch no features & specifications autoscan (y,n) y autoscan duration 1 - 255 seconds certifications certifications ul 60950-1 (usa), can/csa (canada), fcc part 15 class a, ce, en 60950-1 approvals ul, cul, ce, fcc, rohs warranty 3 / 4
product warranty period (worldwide) 1-year limited warranty ? 2016 tripp lite. all rights reserved. all product and company names are trademarks or registered trademarks of their respective holders. use of them does not imply any affiliation with or endorsement by them. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. tripp lite uses primary and third-party agencies to test its products for compliance with standards. see a list of tripp lite's testing agencies: http://www.tripplite.com/products/product-certification-agencies 4 / 4


▲Up To Search▲   

 
Price & Availability of B020-U08-19-IP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X